Part Number Hot Search : 
Z1000 H5502K APTGT5 30211506 BC547B ER806 70430 RCM2090R
Product Description
Full Text Search
 

To Download NCP5109ADR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 december, 2013 ? rev. 0 1 publication order number: ncp5109/d ncp5109a, ncp5109b high voltage, high and low side driver the ncp5109 is a high voltage gate driver ic providing two outputs for direct drive of 2 n ? channel power mosfets or igbts arranged in a half ? bridge configuration version b or any other high ? side + low ? side configuration version a. it uses the bootstrap technique to ensure a proper drive of the high ? side power switch. the driver works with 2 independent inputs. features ? high voltage range: up to 200 v ? dv/dt immunity 50 v/nsec ? negative current injection characterized over the temperature range ? gate drive supply range from 10 v to 20 v ? high and low drive outputs ? output source / sink current capability 250 ma / 500 ma ? 3.3 v and 5 v input logic compatible ? up to v cc swing on input pins ? extended allowable negative bridge pin voltage swing to ? 10 v for signal propagation ? matched propagation delays between both channels ? outputs in phase with the inputs ? independent logic inputs to accommodate all topologies (version a) ? cross conduction protection with 100 ns internal fixed dead time (version b) ? under v cc lockout (uvlo) for both channels ? pin ? to ? pin compatible with industry standards ? these are pb ? free devices typical applications ? half ? bridge power converters ? any complementary drive converters (asymmetrical half ? bridge, active clamp) (a version only). ? full ? bridge converters soic ? 8 d suffix case 751 marking diagrams 5109 = specific device code x = a or b version a = assembly location l = wafer lot y = year w = work week  = pb ? free package http://onsemi.com 1 5109x alyw  1 8 pinout information soic ? 8 2 3 4 1 7 6 5 8 in_lo in_hi vcc gnd vboot drv_hi bridge drv_lo device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd801 1/d. NCP5109ADR2G soic ? 8 (pb ? free) 2500 / tape & reel ncp5109bdr2g soic ? 8 (pb ? free) 2500 / tape & reel
ncp5109a, ncp5109b http://onsemi.com 2 vcc in_hi in_lo gnd drv_lo bridge drv_hi vboot q1 q2 c6 c4 c3 gnd gnd gnd ncp1395 vcc gnd vbulk c1 gnd out+ out ? u2 r1 d3 gnd l1 c3 d2 t1 d4 lf vcc 3 in_hi 2 in_lo 1 gnd 4 drv_lo 5 bridge 6 drv_hi 7 vboot 8 u1 ncp5109 figure 1. typical application resonant converter (llc type) figure 2. typical application half bridge converter d1 + + q1 q2 c6 c4 c3 gnd gnd gnd mc34025 vcc gnd vbulk c1 gnd out+ out ? u2 r1 d3 gnd l1 c3 d2 t1 d4 3 2 1 4 5 6 7 8 u1 ncp5109 d1 + + c5
ncp5109a, ncp5109b http://onsemi.com 3 r s q pulse trigger gnd gnd gnd vcc in_hi in_lo vboot drv_hi bridge drv_lo gnd vcc vcc uv detect delay gnd uv detect level shifter q gnd figure 3. detailed block diagram: version a gnd figure 4. detailed block diagram: version b r s q pulse trigger gnd gnd gnd vcc in_hi in_lo vboot drv_hi bridge drv_lo gnd vcc vcc uv detect delay gnd cross conduction prevention uv detect level shifter q pin description pin name description in_hi
ncp5109a, ncp5109b http://onsemi.com 4 maximum ratings rating symbol value unit v cc main power supply voltage ? 0.3 to 20 v v cc_transient main transient power supply voltage: iv cc_max = 5 ma during 10 ms 23 v v bridge vhv: high voltage bridge pin ? 1 to 200 v v bridge allowable negative bridge pin voltage for in_lo signal propagation to dr v_lo (see characterization curves for detailed results) ? 10 v v boot ? v bridge vhv: floating supply voltage ? 0.3 to 20 v v drv_hi vhv: high side output voltage v bridge ? 0.3 to v boot + 0.3 v v drv_lo low side output voltage ? 0.3 to v cc + 0.3 v dv bridge /dt allowable output slew rate 50 v/ns v in_xx inputs in_hi, in_lo ? 1.0 to v cc + 0.3 v esd capability: ? hbm model (all pins except pins 6 ? 7 ? 8 in 8 pins package or 11 ? 12 ? 13 in 14 pins package) ? machine model (all pins except pins 6 ? 7 ? 8 in 8 pins package or 11 ? 12 ? 13 in 14 pins package) 2 200 kv v latch up capability per jedec jesd78 r  ja power dissipation and thermal characteristics so ? 8: thermal resistance, junction ? to ? air 178 c/w t st storage temperature range ? 55 to +150 c t j_max maximum operating junction t emperature +150 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be af fected.
ncp5109a, ncp5109b http://onsemi.com 5 electrical characteristic (v cc = v boot = 15 v, v gnd = v bridge , ? 40 c < t j < 125 c, outputs loaded with 1 nf) rating symbol t j ? 40 c to 125 c units min typ max output section output high short circuit pulsed current v drv = 0 v, pw  10  s (note 1) i drvsource ? 250 ? ma output low short circuit pulsed current v drv = v cc , pw  10  s (note 1) i drvsink ? 500 ? ma output resistor (typical value @ 25 c) source r oh ? 30 60  output resistor (typical value @ 25 c) sink r ol ? 10 20  high level output voltage, v bias ? v drv_xx @ i drv_xx = 20 ma v drv_h ? 0.7 1.6 v low level output voltage v drv_xx @ i drv_xx = 20 ma v drv_l ? 0.2 0.6 v dynamic output section turn ? on propagation delay (vbridge = 0 v) t on ? 100 170 ns turn ? off propagation delay (vbridge = 0 v or 50 v) (note 2) t off ? 100 170 ns output voltage rise time (from 10% to 90% @ v cc = 15 v) with 1 nf load tr ? 85 160 ns output voltage fall time (from 90% to 10% @v cc = 15 v) with 1 nf load tf ? 35 75 ns propagation delay matching between the high side and the low side @ 25 c (note 3)  t ? 20 35 ns internal fixed dead time (only valid for b version) (note 4) dt 65 100 190 ns minimum input width that changes the output t pw1 ? ? 50 ns maximum input width that does not change the output t pw2 20 ? ? ns input section low level input voltage threshold v in ? ? 0.8 v input pull ? down resistor (v in < 0.5 v) r in ? 200 ? k  high level input voltage threshold v in 2.3 ? ? v logic ?1? input bias current @ v in_xx = 5 v @ 25 c i in+ ? 5 25  a logic ?0? input bias current @ v in_xx = 0 v @ 25 c i in ? ? ? 2.0  a supply section v cc uv start ? up voltage threshold v cc _stup 8.0 8.9 9.9 v v cc uv shut ? down voltage threshold v cc _shtdwn 7.3 8.2 9.1 v hysteresis on v cc v cc _hyst 0.3 0.7 ? v vboot start ? up voltage threshold reference to bridge pin (vboot_stup = vboot ? vbridge) vboot_stup 8.0 8.9 9.9 v vboot uv shut ? down voltage threshold vboot_shtdwn 7.3 8.2 9.1 v hysteresis on vboot vboot_shtdwn 0.3 0.7 ? v leakage current on high voltage pins to gnd (v boot = v bridge = drv_hi = 200 v) i hv_leak ? 5 40  a consumption in active mode (v cc = vboot, fsw = 100 khz and 1 nf load on both driver outputs) icc1 ? 4 5 ma consumption in inhibition mode (v cc = vboot) icc2 ? 250 400  a v cc current consumption in inhibition mode icc3 ? 200 ?  a vboot current consumption in inhibition mode icc4 ? 50 ?  a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 1. parameter guaranteed by design. 2. turn ? off propagation delay @ vbridge = 200 v is guaranteed by design. 3. see characterization curve for  t parameters variation on the full range temperature. 4. version b integrates a dead time in order to prevent any cross conduction between drv_hi and drv_lo. see timing diagram of fi gure 10. 5. timing diagram definition see: figure 7, figure 8 and figure 9.
ncp5109a, ncp5109b http://onsemi.com 6 figure 5. input/output timing diagram (a version) in_hi in_lo drv_hi drv_lo in_hi in_lo drv_hi drv_lo figure 6. input/output timing diagram (b version) figure 7. propagation delay and rise / fall time definition in_hi 50% 90% 90% 10% 10% (in_lo) drv_hi (drv_lo) 50% t off t on t r t f
ncp5109a, ncp5109b http://onsemi.com 7 figure 8. matching propagation delay (a version) 50% 90% 50% ton_hi toff_hi 10% drv_hi in_lo ton_lo drv_lo delta_t 10% matching delay 1 = ton_hi ? ton_lo toff_lo & in_hi 90% matching delay 2 = toff_lo ? toff_hi delta_t 50% 90% 50% ton_hi toff_hi 10% drv_hi in_hi 50% 10% 50% toff_lo ton_lo 90% drv_lo in_lo matching delay1=ton_hi ? ton_lo matching delay2=toff_hi ? toff_lo figure 9. matching propagation delay (b version)
ncp5109a, ncp5109b http://onsemi.com 8 in_hi in_lo drv_hi drv_lo internal deadtime internal deadtime figure 10. input/output cross conduction output protection timing diagram (b version)
ncp5109a, ncp5109b http://onsemi.com 9 characterization curves 0 20 40 60 80 100 120 140 10 12 14 16 18 20 v cc , voltage (v) t on , propagation delay (ns) figure 11. turn on propagation delay vs. supply voltage (v cc = v boot ) t on high side t on low side 0 20 40 60 80 100 120 140 ? 40 ? 20 0 20 40 60 80 100 120 temperature ( c) t on , propagation delay (ns) figure 12. turn on propagation delay vs. temperature t on low side t on high side 0 20 40 60 80 100 120 140 10 12 14 16 18 20 v cc , voltage (v) t off , propagation delay (ns) figure 13. turn off propagation delay vs. supply voltage (v cc = v boot ) t off high side t off low side 0 20 40 60 80 100 120 140 ? 40 ? 20 0 20 40 60 80 100 120 temperature ( c) t off , propagation delay (ns) figure 14. turn off propagation delay vs. temperature 0 20 40 60 80 100 120 140 0 1020304050 bridge pin voltage (v) t on , propagation delay (ns) figure 15. high side turn on propagation delay vs. vbridge voltage 0 20 40 60 80 100 120 140 160 0 1020304050 bridge pin voltage (v) t off propagation delay (ns) figure 16. high side turn off propagation delay vs. vbridge voltage t off high side t off low side
ncp5109a, ncp5109b http://onsemi.com 10 characterization curves 0 20 40 60 80 100 120 140 160 10 12 14 16 18 20 v cc , voltage (v) t on , risetime (ns) figure 17. turn on risetime vs. supply voltage (v cc = v boot ) t r high side t r low side 0 20 40 60 80 100 120 140 ? 40 ? 20 0 20 40 60 80 100 120 t r low side t r high side temperature ( c) t on , risetime (ns) figure 18. turn on risetime vs. temperature 0 10 20 30 40 50 60 70 80 10 12 14 16 18 20 t off , falltime (ns) v cc , voltage (v) figure 19. turn off falltime vs. supply voltage (v cc = v boot ) t f low side t f high side 0 10 20 30 40 50 70 ? 40 ? 20 0 20406080100120 t f low side t f high side t off , falltime (ns) temperature ( c) figure 20. t urn off falltime vs. temperature 0 5 10 15 20 ? 40 ? 20 0 20 40 60 80 100 120 propagation delay matching (ns) temperature ( c) figure 21. propagation delay matching between high side and low side driver vs. temperature 60 0 20 100 160 200 ? 40 ? 20 0 20 40 60 80 100 120 dead time (ns) temperature ( c) figure 22. dead t ime vs. temperature 40 60 80 120 140 180
ncp5109a, ncp5109b http://onsemi.com 11 characterization curves 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 ? 40 ? 20 0 20 40 60 80 100 120 low level input voltage threshold (v) temperature ( c) figure 23. low level input voltage threshold vs. supply voltage (v cc = v boot ) 0 0.5 1 1.5 2 2.5 10 12 14 16 18 20 high level input voltage threshold (v) v cc , voltage (v) figure 24. low level input voltage threshold vs. temperature 0.0 0.5 1.0 1.5 2.0 2.5 ? 40 ? 20 0 20 40 60 80 100 120 high level input voltage threshold (v) temperature ( c) figure 25. high level input voltage threshold vs. supply voltage (v cc = v boot ) 0 0.5 1 1.5 2 2.5 3 3.5 4 10 12 14 16 18 20 logic ?0? input current (  a) v cc , voltage (v) figure 26. high level input voltage threshold vs. temperature 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 ? 40 ? 20 0 20 40 60 80 100 120 logic ?0? input current (  a) temperature ( c) figure 27. logic ?0? input current vs. supply voltage (v cc = v boot ) figure 28. logic ?0? input current vs. temperature 0 0.2 0.4 0.6 0.8 1 1.2 1.4 10 12 14 16 18 20 low level input voltage threshold (v) v cc , voltage (v)
ncp5109a, ncp5109b http://onsemi.com 12 characterization curves 0 2 4 6 8 10 ? 40 ? 20 0 20 40 60 80 100 120 logic ?1? input current (  a) temperature ( c) figure 29. logic ?1? input current vs. supply voltage (v cc = v boot ) 0 0.2 0.4 0.6 0.8 1 10 12 14 16 18 20 low level output voltage threshold (v) v cc , voltage (v) figure 30. logic ?1? input current vs. temperature 0.0 0.2 0.4 0.6 0.8 1.0 ? 40 ? 20 0 20 40 60 80 100 120 low level output voltage (v) temperature ( c) figure 31. low level output voltage vs. supply voltage (v cc = v boot ) 0 0.4 0.8 1.2 1.6 10 12 14 16 18 20 high level output voltage threshold (v) v cc , voltage (v) figure 32. low level output voltage vs. temperature 0.0 0.4 0.8 1.2 1.6 ? 40 ? 20 0 20 40 60 80 100 120 high level output voltage (v) temperature ( c) figure 33. high level output voltage vs. supply voltage (v cc = v boot ) figure 34. high level output voltage vs. temperature 0 1 2 3 4 5 6 7 8 10 12 14 16 18 20 logic ?1? input current (  a) v cc , voltage (v)
ncp5109a, ncp5109b http://onsemi.com 13 characterization curves output source current (ma) temperature ( c) figure 35. output source current vs. supply voltage (v cc = v boot ) 0 50 100 150 200 250 300 350 400 ? 40 ? 20 0 20 40 60 80 100 120 i src high side i src low side 0 100 200 300 400 500 600 10 12 14 16 18 20 i sink high side i sink low side output sink current (ma) v cc , voltage (v) figure 36. output source current vs. temperature 0 100 200 300 400 500 600 ? 40 ? 20 0 20 40 60 80 100 120 output sink current (ma) temperature ( c) figure 37. output sink current vs. supply voltage (v cc = v boot ) i sink low side i sink high side 0 0.04 0.08 0.12 0.16 0.2 0 100 200 high side leakage current on hv pins to gnd (  a) hv pins voltage (v) figure 38. output sink current vs. temperature figure 39. leakage current on high voltage pins (200 v) to ground vs. v bridge voltage (v brigde = v boot = v drv_hi ) 0 50 100 150 200 250 300 350 400 10 12 14 16 18 20 i src high side i src low side output source current (ma) v cc , voltage (v)
ncp5109a, ncp5109b http://onsemi.com 14 characterization curves 0 20 40 60 80 100 ? 40 ? 20 0 20 40 60 80 100 120 vboot current supply (  a) temperature ( c) figure 40. v boot supply current vs. bootstrap supply voltage 0 40 80 120 160 200 240 0 4 8 12 16 20 v cc supply current (  a) v cc , voltage (v) figure 41. v boot supply current vs. temperature 0 100 200 300 400 ? 40 ? 20 0 20 40 60 80 100 120 v cc current supply  a) temperature ( c) figure 42. v cc supply current vs. v cc supply voltage 8.0 8.2 8.4 8.6 8.8 9.0 9.2 9.4 9.6 9.8 10.0 ? 40 ? 20 0 20 40 60 80 100 120 v cc uvlo startup v boot uvlo startup uvlo startup voltage (v) temperature ( c) figure 43. v cc supply current vs. temperature 7.0 7.2 7.4 7.6 7.8 8.0 8.2 8.4 8.6 8.8 9.0 ? 40 ? 20 0 20 40 60 80 100 120 uvlo shutdown voltage (v) temperature ( c) figure 44. uvlo startup voltage vs. temperature v cc uvlo shutdown v boot uvlo shutdown figure 45. uvlo shutdown voltage vs. temperature 0 20 40 60 80 100 0 4 8 12 16 20 v boot supply current (  a) v boot , voltage (v)
ncp5109a, ncp5109b http://onsemi.com 15 characterization curves 0 5 10 15 20 25 30 40 0 100 200 300 400 500 600 r gate = 0 r c load = 2.2 nf/q = 33 nc i cc + i boot current supply (ma) switching frequency (khz) figure 46. i cc1 consumption vs. switching frequency with 15 nc load on each driver @ v cc = 15 v r gate = 10 r r gate = 22 r 0 10 20 30 40 50 60 70 0 100 200 300 400 500 600 r gate = 0 r r gate = 10 r r gate = 22 r i cc + i boot current supply (ma) switching frequency (khz) figure 47. i cc1 consumption vs. switching frequency with 33 nc load on each driver @ v cc = 15 v c load = 3.3 nf/q = 50 nc 0 20 40 60 80 100 120 0 100 200 300 400 500 600 i cc + i boot current supply (ma) switching frequency (khz) figure 48. i cc1 consumption vs. switching frequency with 50 nc load on each driver @ v cc = 15 v r gate = 0 r r gate = 10 r r gate = 22 r c load = 6.6 nf/q = 100 nc figure 49. i cc1 consumption vs. switching frequency with 100 nc load on each driver @ v cc = 15 v 0 5 10 15 20 25 0 100 200 300 400 500 600 r gate = 0 r to 22 r c load = 1 nf/q = 15 nc i cc + i boot current supply (ma) switching frequency (khz) 35 ? 35 ? 30 ? 25 ? 20 ? 15 ? 10 ? 5 0 0 100 200 300 400 500 600 figure 50. ncp5109a, negative voltage safe operating area on the bridge pin ? 40 c 25 c 125 c negative pulse voltage (v) negative pulse duration (ns) ? 35 ? 30 ? 25 ? 20 ? 15 ? 10 ? 5 0 0 100 200 300 400 500 600 negative pulse voltage (v) negative pulse duration (ns) figure 51. ncp5109b, negative voltage safe operating area on the bridge pin ? 40 c 25 c 125 c
ncp5109a, ncp5109b http://onsemi.com 16 application information negative voltage safe operating area when the driver is used in a half bridge configuration, it is possible to see negative voltage appearing on the bridge pin (pin 6) during the power mosfets transitions. when the high ? side mosfet is switched off, the body diode of the low ? side mosfet starts to conduct. the negative voltage applied to the bridge pin thus corresponds to the forward voltage of the body diode. however, as pcb copper tracks and wire bonding introduce stray elements (inductance and capacitor), the maximum negative voltage of the bridge pin will combine the forward voltage and the oscillations created by the parasitic elements. as any cmos device, the deep negative voltage of a selected pin can inject carriers into the substrate, leading to an erratic behavior of the concerned component. on semiconductor provides characterization data of its half ? bridge driver to show the maximum negative voltage the driver can safely operate with. to prevent the negative injection, it is the designer duty to verify that the amount of negative voltage pertinent to his/her application does not exceed the characterization curve we provide, including some safety margin. in order to estimate the maximum negative voltage accepted by the driver, this parameter has been characterized over full the temperature range of the component. a test fixture has been developed in which we purposely negatively bias the bridge pin during the freewheel period of a buck converter. when the upper gate voltage shows signs of an erratic behavior, we consider the limit has been reached. figure 50 (or 51), illustrates the negative voltage safe operating area. its interpretation is as follows: assume a negative 10 v pulse featuring a 100 ns width is applied on the bridge pin, the driver will work correctly over the whole die temperature range. should the pulse swing to ? 20 v, keeping the same width of 100 ns, the driver will not work properly or will be damaged for temperatures below 125 c. summary: ? if the negative pulse characteristic (negative voltage level & pulse width) is above the curves the driver runs in safe operating area. ? if the negative pulse characteristic (negative voltage level & pulse width) is below one or all curves the driver will not run in safe operating area. note, each curve of the figure 50 (or 51) represents the negative voltage and width level where the driver starts to fail at the corresponding die temperature. if in the application the bridge pin is too close of the safe operating limit, it is possible to limit the negative voltage to the bridge pin by inserting one resistor and one diode as follows: u1 ncp5109a vcc 1 in_hi 2 in_lo 3 gnd 4 drv_lo 5 bridge 6 drv_hi 7 vboot 8 d1 mur160 r1 10r d2 mur160 c1 100n m1 m2 vbulk 0 in_hi in_lo 0 vcc figure 52. r1 and d1 improves the robustness of the driver r1 and d1 should be placed as close as possible of the driver. d1 should be connected directly between the bridge pin (pin 6) and the ground pin (pin 4). by this way the negative voltage applied to the bridge pin will be limited by d1 and r1 and will prevent any wrong behavior.
ncp5109a, ncp5109b http://onsemi.com 17 package dimensions soic ? 8 nb case 751 ? 07 issue ak seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. sc illc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circui t, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data she ets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for e ach customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designe d, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any o ther application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such u nintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this l iterature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 ncp5109/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc a sales representative


▲Up To Search▲   

 
Price & Availability of NCP5109ADR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X